PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
2SD946 2SD946A 2SD946AQ 2SD946AR 2SD950 2SD951 2SD |
Si NPN triple diffused junction mesa . Line-operated horizontal deflection output. SI NPN EPITAXIAL PLANAR DARLINGTON 1 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126
|
PANASONIC[Panasonic Semiconductor] Panasonic, Corp.
|
PEMH14 PUMH14 5C H1- H1P H1T H1W |
NPN/NPN resistor-equipped transistors R1 = 47 kohm, R2 = open NPN/NPN配电阻型晶体管;R1=47千欧姆,R2=开 NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BFG67_XR BFG67 BFG67_X BFG67X BFG67XR BFG67/XR BFG |
NPN 8 GHz wideband transistors NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
DS1339U-33 DS1339U-33_ DS1339 DS1339C-2 DS1339C-2_ |
I2C Serial Real-Time Clock TRANS NPN BIPOL DUAL 160V SOT363 TRANS NPN DARL 40V SMD SOT-23 TRANSISTOR, NPN, SWITCHING , GENERAL PURPOSE, 3-PIN SOT-23 TRANS NPN 160V 350MW SMD SOT-23
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr http://
|